Part Number Hot Search : 
CO4580 SB630DC 1N3042TR ISL62 F3330 1N3045B 1N4753A 0N1TR
Product Description
Full Text Search
 

To Download ZXTP25020BFHTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXTP25020BFH 20V, SOT23, PNP medium power transistor
Summary
BVCEX > -40V BVCEO > -20V BVECO > -7V IC(cont) = -4A RCE(sat) = 32 m VCE(sat) < -60mV @ 1A PD = 1.25W Complementary part number ZXTN25020BFH
Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.
C
B
Features
* * * * * High power dissipation SOT23 package High peak current Low saturation voltage 40V forward blocking voltage 7V reverse blocking voltage
E
Applications
* * * * * MOSFET and IGBT gate driving DC - DC converters Motor drive High side driver Battery charging
E C B Pinout - top view
Ordering information
Device ZXTP25020BFHTA Reel size (inches) 7 Tape width (mm) 8 Quantity per reel 3,000
Device marking
1A9
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
1
www.zetex.com
ZXTP25020BFH
Absolute maximum ratings
Parameter Collector-base voltage Collector-emitter voltage (forward blocking) Collector-emitter voltage Emitter-collector voltage (reverse blocking) Emitter-base voltage Continuous collector current(b) Peak pulse current Power dissipation at Tamb =25C(a) Linear derating factor Power dissipation at Tamb =25C(b) Linear derating factor Power dissipation at Tamb =25C(d) Linear derating factor Power dissipation at Tamb =25C(d) Linear derating factor Operating and storage temperature range Tj, Tstg PD PD PD Symbol VCBO VCEX VCEO VECO VEBO IC ICM PD Limit -40 -40 -20 -7 -7 -4 -10 0.73 5.84 1.05 8.4 1.25 9.6 1.81 14.5 -55 to 150 Unit V V V V V A A W mW/C W mW/C W mW/C W mW/C C
Thermal resistance
Parameter Junction to ambient(a) Junction to ambient(b) Junction to ambient(c) Junction to ambient(d) Symbol R JA R JA R JA R JA Limit 171 119 100 69 Unit C/W C/W C/W C/W
NOTES: (a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions. (b) Mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions. (c) Mounted on 50mm x 50mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions. (d) As (c) above measured at t<5secs.
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
2
www.zetex.com
ZXTP25020BFH
Characteristics
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
3
www.zetex.com
ZXTP25020BFH
Electrical characteristics (at Tamb = 25C unless otherwise stated)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage (forward blocking) Collector-emitter breakdown voltage (base open) Emitter-base breakdown voltage Emitter-collector breakdown voltage (reverse blocking) Symbol BVCBO BVCEX BVCEO BVEBO BVECX Min. -40 -40 -20 -7 -6 -7 Typ. -60 -60 -35 -8.2 -8 -8.6 <-1 <-1 -44 -80 -125 -160 -160 Base-emitter saturation voltage Base-emitter turn-on voltage Static forward current transfer ratio VBE(sat) VBE(on) hFE 100 80 50 -930 -820 200 160 100 45 Transition frequency Output capacitance Delay time Rise time Storage time Fall time fT COBO td tr ts tf 250 32.5 53 63 128 50
300 s; duty cycle 2%.
Max.
Unit Conditions V IC = -100 A V V V V V IE = -100 A (*) RBE < 1k or 1V < VBE < -0.25V IC = -10mA(*) IE = -100 A IE = -100 A (*) RBC < 10k or 0.25 < VBC < -0.25V IE = -100 A(*) VCB = -32V VCB = -32V, Tamb= 100C VCE = -32V; RBE < 1k or 1V < VBE < -0.25V VEB = -5.6V IC = -1A, IB = -100mA(*) IC = -1A, IB = -20mA(*) IC = -2A, IB = -40mA(*) IC = -4A, IB = -200mA(*) IC = -5A, IB = -500mA(*) IC = -4A, IB = -200mA(*) IC = -4A, VCE = -2V(*) IC = -10mA, VCE = -2V(*) IC = -1A, VCE = -2V(*) IC = -4A, VCE = -2V(*) IC = -10A, VCE = -2V(*) MHz IC = -50mA, VCE = -10V f = 100MHz
Emitter-collector breakdown BVECO voltage (base open) Collector-base cut-off current ICBO Collector-emitter cut-off current Emitter-base cut-off current Collector-emitter saturation voltage ICEX IEBO VCE(sat)
-50 -20 100 -50 -60 -110 -190 -210 -210 -1000 -900 300
nA A nA nA mV mV mV mV mV mV mV
40
pF ns ns ns ns
VCB = -10V, f = 1MHz(*) VCC = -15V, IC = -750mA, IB1 = IB2= -15mA
NOTES: (*) Measured under pulsed conditions. Pulse width
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
4
www.zetex.com
ZXTP25020BFH
Typical characteristics
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
5
www.zetex.com
ZXTP25020BFH
Package outline - SOT23
L H N D 3 leads G
M
B
A
C K
F
Dim. A B C D F G
Millimeters Min. 2.67 1.20 0.37 0.085 Max. 3.05 1.40 1.10 0.53 0.15
Inches Min. 0.105 0.047 0.015 0.0034 Max. 0.120 0.055 0.043 0.021 0.0059
Dim. H K L M N -
Millimeters Min. 0.33 0.01 2.10 0.45 Max. 0.51 0.10 2.50 0.64 -
Inches Max. 0.013 0.0004 0.083 0.018 Max. 0.020 0.004 0.0985 0.025 -
0.95 NOM
0.0375 NOM
1.90 NOM
0.075 NOM
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone: (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
For international sales offices visit www.zetex.com/offices Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 1 - May 2006
(c) Zetex Semiconductors plc 2006
6
www.zetex.com


▲Up To Search▲   

 
Price & Availability of ZXTP25020BFHTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X